Part Number Hot Search : 
C244D CT2A03 TDA9105 BSP320 TM162 TDA9105 C6BTA 85NSR140
Product Description
Full Text Search
 

To Download VE13P00461KHB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  109 additional information on this product is available from avxs catalog or avxs fax service. call 1-800-879-1613 and request document #109 . visit our website http://www.avxcorp.com type bulk ammopack reel ve07 - vf05 all 1500 1500 1500 ve09 - vf07 < 230 vrms 1000 1500 1500 ve09 - vf07 230 v vrms 300 v 1000 1000 1000 ve09 - vf07 > 300 vrms 750 1000 1000 ve13 - vf10 230 vrms 500 750 750 ve13 - vf10 230 v vrms 300 v 500 500 500 ve13 - vf10 > 300 vrms 500 ve17 - vf14 230 vrms 500 750 750 ve17 - vf14 230 v vrms 300 v 500 500 500 ve17 - vf14 > 300 vrms 500 ve24 - vf20 250 0.6 (.024) 5.08 (0.2) 0.6 (.024) 5.08 (0.2) 0.6 (.024) 5.08 (0.2) e d t 30 (1.18) min h d maximum type type ceramic coated h t +10% e diameter diameter max. max. ?.05 (.002) 0.8 ve07 vf05 5 (.196) 7 (.275) 10 (.394) 0.6 (.024) 5.08 (0.20) ve09 vf07 7 (.275) 9 (.354) 12 (.472) see 0.6 (.024) 5.08 (0.20) ve13* vf10* 10 (.393) 13* (.512) 16 (.630) table 0.8* (.031) 7.62* (0.30) ve17 vf14 14 (.551) 17 (.669) 20 (.787) 0.8 (.031) 7.62 (0.30) ve24** vf20** 20 (.787) 24 (.945) 27 (1.06) 0.8** (.031) 7.62 (0.30) dimensions millimeters (inches) zinc oxide varistors ve/vf types for heavy duty applications (??series) how to order ve 09 p 0 0251 k db 1234 5 67 1 type code: ve = selection by working voltage vf = selection by breakdown voltage 2 size code: ve series: 07, 09, 13, 17, 24 vf series: 05, 07, 10, 14, 20 3 material code: p = power series 4 voltage marking code: 0 = ve series 1 = vf series 5 voltage code: ve series: 1st digit: zero. 2nd & 3rd digit: 2 significant figures of working voltage. 4th digit: number of significant zeros to be added. example: 0750 = 75 v, 0301 = 300 v vf series: 1st, 2nd & 3rd digits: significant figures of breakdown voltage. 4th digit: number of significant zeros to be added. example: 2050 = 205 v 6 tolerance code: k = ?0% (contact factory for ?%) 7 packaging code: please refer to fall catalog * ve13 / vf10: for models with v rms 320 v other version/suffixes available with: e = 5.08 (0.20) suffix: = 0.6 (.024) bulk: hb d = 12.5 (.492) max tape: da, db, dc, dd, dq, ... **ve24 / vf20: for lead diameter = 1.0 (.039), please consult us. types ve 07/09 - vf 05/07 (ve13 - vf10 320 v rms upon request) leads straight kinked (type 1) kinked (type 2) packaging ammopack reel ammopack reel ammopack reel h/ho = 16 0.5 da(*) db(*) dq(**) dr(**) d7(**) d5(**) h/ho = 18 -0/+2 dc(**) dd(**) ds dt d8 d6 types ve 13/17 - vf 10/14 leads straight kinked (type 1) kinked (type 2) packaging ammopack reel ammopack reel ammopack reel h/ho = 16 0.5 ea(*) en(*) ec(**) ef(**) eq(**) er(**) h/ho = 18 -0/+2 eb(**) ed(**) eg eh es et 0.8 (.031) 7.62 (0.3) 0.8 (.031) 7.62 (0.3) 0.8 (.031) 7.62 (0.3) (*) da, db, ea, en suffixes are not available for varistors with vrms 300v and available only upon request. (**) preferred versions according to iec 286-2 operating breakdown clamping energy max. peak typical mean style voltage voltage voltage absorption current capacitance power vrms 1madc (j) 1p (a) pf@1khz dissipation (w) ve07 130 min. 205 min. 340 min. 8.5 min. 800 90 min. 0.01 vf05 to 230 max. to 360 max. to 595 max. to 16 max. to 55 max. ve09 130 min. 205 min. 340 min. 17.5 min. 250 min. 0.02 vf07 to 230 max. to 360 max. to 595 max. to 32 max. 1750 to 140 max. ve13 130 min. 205 min. 340 min. 35 min. 450 min. vf10 to 230 max. to 360 max. to 595 max. to 65 max. 3500 to 250 max. 0.40 ve17 130 min. 205 min. 340 min. 70 min. 1000 min. vf14 to 230 max. to 360 max. to 595 max. to 130 max. 6000 to 550 max. 0.60 ve24 130 min. 205 min. 340 min. 140 min. 2500 min. vf20 to 230 max. to 360 max. to 595 max. to 250 max. 10,000 to 1500 max. 0.80 ??series range capability dimensions: millimeters (inches) nb: ve series - allows ordering code to be built by specifying operating voltage. vf series - allows ordering code to be built by specifying breakdown voltage. dimensions dimensions packaging quantities


▲Up To Search▲   

 
Price & Availability of VE13P00461KHB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X